Part Number Hot Search : 
SL4516BD 12864A DSP563 CSC3968 UM110 PAD50 CONDUCT TIP125G
Product Description
Full Text Search
 

To Download MA104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  f useholder ?part no. la200 accommodates one 1/4" x 1-1/4" north american fuse for l series only. fuseholder ?part no. la201 accommodates one 5 x 20mm metric fuse for l series only. voltage wheel ?part no. la302 two-voltage selection drum for use with hl4 and dl4 models. marked 115v/230v. voltage wheel ?part no. la303 three-voltage selection drum or use with hl4 and dl4 models. marked 110v/220v/240v. voltage wheel ?part no. la304 four-voltage selection drum for use with hl4 and dl4 models. marked 100v/120v/220v/240v. one la304 comes standard with each hl4 and dl4 model. blank ?part no. la400 blank to replace switch in single voltage selection models. dl1 and hl1 models. insulating boot ?part no. la601 plastic shroud to cover back of edl and ehl power entry modules preventing inadvertent access. accessories 142 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. corcom product guide general insulating boot ?part no. fa601 plastic shroud to cover back of iec connector style filters with style 1 terminals for ec, ed, eea, eeb, eej, ef series. j series - v oltage selecting and fused connector l series - power entry modules tool ?part no. ja500 extractor tool for removal and insertion of voltage selector card in j series. voltage card ?part no. ja302 two-voltage selection card for use with j series. marked 115v/230v. voltage card ?part no. ja304 four-voltage selection card for use with j series. marked 110v/120v/220v/240v. one ja304 comes standard with each j series module. line cord ?part no. ga400 7 1/2 foot, 3-conductor line cord to mate with models with- in the catalog. 1250 watt, 10a - 125 vac svt, black, ul, csa. not recommended for patient care applications due to leakage current of the line cord. ja500 ja302
assembly ?part no. ma100 power interconnect assembly for voltage select models of the m series. simplifies connection of power entry module to power supply. designed for use with either filtered or unfiltered voltage selection models. 8.5" wire leads. part no. ma101 - plug only part no. ma102 - pins on strips part no. ma103 - pins on reel (7,000 pins) part no. MA104 - pins only assembly ?part no. ma400 medical safety bracket kit for use with hm models. bracket allows customer to undergo ul544 abnormal condition testing without removal of fuse(s) in power entry module. part no. ma401 - bracket only part no. ma402 - standoff only voltage card ?part no. ma302 two-voltage selection capability for use with m series power entry modules. marked 120v/240v. one ma302 comes standard with two-voltage m series modules. voltage card ?part no. ma304 four-voltage selection capability for use with m series power entry modules. marked 100v/120v/230v/240v. one ma304 comes standard with four-voltage m series modules. accessories (continued) 143 catalog 1654001 dimensions are in inches and dimensions are shown for usa cust. svc.: 1-800-468-2023 www.corcom.com revised 05-07 millimeters unless otherwise reference purposes only. corcom prods: 1-847-680-7400 www.tycoelectronics.com specified. values in italics specifications subject germany: 49-89-6089-0 are metric equivalents. to change. p o w e r e n t r y m o d u l e s corcom product guide m series - power entry modules p series insulating boot ?part no. ma601 plastic shroud to cover back of vm and efm power entry modules preventing inadvertent access to tracings. part no. ma601 - fits m4s versions part no. ma602 - fits m1s versions part no. ma603 - fits m4 versions part no. ma604 - fits m1 versions assembly ?part no. pa100 power connector assembly for voltage select modules of the p series. simplifies the connection of power entry mod - ule to power supply. designed for use with either filtered or unfiltered modules. includes 6 inch wires (4). part no. pa101 - plug only part no. pa102 - pins only part no. pa105 - same as pa100, except has 2 wires for no voltage selection models j extender ?part no. pa400 extends p series module to fit j panel cutout. cannot be used with b shield. l extender ?part no. pa410 extends p series width to fit l panel cutout (use two per module). unshielded versions only. c extender ?part no. pa420 extends p series height by .20" pa101 0 0 0 0 0 4 2 2 2 1


▲Up To Search▲   

 
Price & Availability of MA104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X